Part Number Hot Search : 
MMBT390 BAT54 856584 BC848 TEF0512 25K11 83619 LNBP10
Product Description
Full Text Search
 

To Download CRCW0603100RFKTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com for technical questions, contact: thickfilmchip@vishay.com document number: 20008 118 revision: 18-nov-10 d/crcw vishay lead (pb)-bearing thick film, rectangular chip resistors features ? stability r/r = 1 % for 1000 h at 70 c ? lead (pb)-bearing termination plating on ni barrier layer ? metal glaze on high quality ceramic ? halogen-free according to iec 61249-2-21 definiton ? aec-q200 qualified, rev. c compliant notes ? these resistors do not feature a limited li fetime when operated within the permissible limits. however, resistance value drift increasing over operating time may result in exceeding a limi t acceptable to the specific application, thereby est ablishing a functional lifeti me. ? marking: see datasheet ?surface mount re sistor marking? ( document number 20020). ? power rating depends on the max. temperature at the solder poin t, the component placement density and the substrate material. standard electrical specifications model size rated dissipation p 70 w limiting element voltage u max. ac/dc temperature coefficient ppm/k tolerance % resistance range series inch metric d10/crcw0402 0402 rr 1005m 0.063 50 100 200 1 5 1r0 to 10m e24; e96 e24 zero-ohm-resistor: r max. = 20 m , i max. = 1.5 a d11/crcw0603 0603 rr 1608m 0.10 75 100 200 1 5 1r0 to 10m e24; e96 e24 zero-ohm-resistor: r max. = 20 m , i max. = 2.0 a d12/crcw0805 0805 rr 2012m 0.125 150 100 200 1 5 1r0 to 10m e24; e96 e24 zero-ohm-resistor: r max. = 20 m , i max. = 2.5 a d25/crcw1206 1206 rr 3216m 0.25 200 100 200 1 5 1r0 to 10m e24; e96 e24 zero-ohm-resistor: r max. = 20 m , i max. = 3.5 a crcw1210 1210 rr 3225m 0.50 200 100 200 1 5 1r0 to 10m e24; e96 e24 zero-ohm-resistor: r max. = 20 m , i max. = 5.0 a crcw1218 1218 rr 3246m 1.0 200 100 200 1 5 1r0 to 2m2 e24; e96 e24 zero-ohm-resistor: r max. = 20 m , i max. = 7.0 a crcw2010 2010 rr 5025m 0.75 400 100 200 1 5 1r0 to 10m e24; e96 e24 zero-ohm-resistor: r max. = 20 m , i max. = 6.0 a crcw2512 2512 rr 6332m 1.0 500 100 200 1 5 1r0 to 10m e24; e96 e24 zero-ohm-resistor: r max. = 20 m , i max. = 7.0 a
document number: 20008 for technical questions, contact: thickfilmchip@vishay.com www.vishay.com revision: 18-nov-10 119 d/crcw lead (pb)-bearing thick film, re ctangular chip resistors vishay note (1) the power dissipation on the resistor gener ates a temperature rise against the lo cal ambient, depending on the heat flow suppor t of the printed-circuit board (thermal resistance). the rated dissipation applies only if the pe rmitted film temperature of 155 c is n ot exceeded. note (2) preferred way for ordering products is by use of the part number. technical specifications parameter unit d10/ crcw0402 d11/ crcw0603 d12/ crcw0805 d25/ crcw1206 crcw1210 crcw1218 crcw2010 crcw2512 rated dissipation at 70 c (1) w 0.063 0.1 0.125 0.25 0.5 1.0 0.75 1.0 limiting element voltage u max. ac/dc v 50 75 150 200 200 200 400 500 insulation voltage u ins. (1 min) v > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 insulation resistance > 10 9 category temperature range c - 55 to + 155 failure rate h -1 < 0.1 x 10 -9 weight mg 0.65 2 5.5 10 16 29.5 25.5 40.5 part number and product description part number: crcw0805562rfkta (2) model value tolerance tcr packaging special crcw0402 crcw0603 crcw0805 crcw1206 crcw1210 crcw1218 crcw2010 crcw2512 r = decimal k = thousand m = million 0000 = jumper f = 1 % j = 5 % z = jumper k = 100 ppm/k n = 200 ppm/k s = jumper or special ta tb tc td te tf tg th tk up to 2 digits product description: crcw0805 100 562r 1 % rt1 crcw0805 100 562r 1 % rt1 model tcr resistance value tolerance pac k ag i n g crcw0402 crcw0603 crcw0805 crcw1206 crcw1210 crcw1218 crcw2010 crcw2512 100 ppm/k 200 ppm/k 10r = 10 562r = 562 10k = 10.0 k 1m = 1 m 0r0 = jumper 1 % 5 % rt1 rt5 rt6 rt7 rf4 r02 r67 r82 rt9 c r c w 0 8 0 5 5 6 2 r f k t a
www.vishay.com for technical questions, contact: thickfilmchip@vishay.com document number: 20008 120 revision: 18-nov-10 d/crcw vishay lead (pb)-bearing thick film, re ctangular chip resistors dimensions packaging model unit paper tape acc. iec 60286-3, type i blister tape acc. iec 60286-3, type ii quantity part number product desc. quantity part number product desc. d10/crcw0402 180 mm/7" 10 000 td rt7 330 mm/13" 50 000 te rf4 d11/crcw0603 180 mm/7" 5000 ta rt1 285 mm/11.25" 10 000 tb rt5 330 mm/13" 20 000 tc rt6 d12/crcw0805 180 mm/7" 5000 ta rt1 285 mm/11.25" 10 000 tb rt5 330 mm/13" 20 000 tc rt6 d25/crcw1206 180 mm/7" 5000 ta rt1 285 mm/11.25" 10 000 tb rt5 330 mm/13" 20 000 tc rt6 crcw1210 180 mm/7" 5000 ta rt1 285 mm/11.25" 10 000 tb rt5 330 mm/13" 20 000 tc rt6 crcw1218 180 mm/7" 4000 tk rt9 crcw2010 180 mm/7" 4000 tf r02 crcw2512 180 mm/7" 2000 tg r67 4000 th r82 size dimensions in millimeters solder pad dimensions in millimeters reflow soldering wave soldering inch metric l w h t1 t2 ab l ab l 0402 1005 1.0 0.05 0.5 0.05 0.35 0.05 0.25 0.05 0.2 0.1 0.4 0.6 0.5 0603 1608 1.55 + 0.10 - 0.05 0.85 0.1 0.45 0.05 0.3 0.2 0.3 0.2 0.5 0.9 1.0 0.9 0.9 1.0 0805 2012 2.0 + 0.20 - 0.10 1.25 0.15 0.45 0.05 0.3 + 0.20 - 0.10 0.3 0.2 0.7 1.3 1.2 0.9 1.3 1.3 1206 3216 3.2 + 0.10 - 0.20 1.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 0.9 1.7 2.0 1.1 1.7 2.3 1210 3225 3.2 0.2 2.5 0.2 0.55 0.05 0.45 0.2 0.4 0.2 0.9 2.5 2.0 1.1 2.5 2.2 1218 3246 3.2 + 0.10 - 0.20 4.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 1.05 4.9 1.9 1.25 4.8 1.9 2010 5025 5.0 0.15 2.5 0.15 0.6 0.1 0.6 0.2 0.6 0.2 1.0 2.5 3.9 1.2 2.5 3.9 2512 6332 6.3 0.2 3.15 0.15 0.6 0.1 0.6 0.2 0.6 0.2 1.0 3.2 5.2 1.2 3.2 5.2
document number: 20008 for technical questions, contact: thickfilmchip@vishay.com www.vishay.com revision: 18-nov-10 121 d/crcw lead (pb)-bearing thick film, re ctangular chip resistors vishay functional performance 1000 100 10 1 0.1 0.01 sin g le pulse pulse load max. (w) p 2512 121 8 2010 1210 1206 0 8 05 0603 0402 10 -6 pulse duration i (s) t 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 100 maxim u m p u lse load, single p u lse; applica b le if p 0 and n < 1000 and ? ? max. ; for permissi b le resistance change e qu i v alent to 8 000 h operation 1000 10 1 0.1 0.01 10 -6 continuous pulse maxim u m p u lse load, contin u o u s p u lses; applica b le if p p ( ? am b ) and ? ? max. ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration i (s) continuous pulse load max. (w) t p 100 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 100 2512 121 8 2010 1210 1206 0 8 05 0603 0402 2000 200 0 10 - 6 10 - 5 10 - 4 10 - 3 10 - 2 10 - 1 110 pulse volta g e maxim u m p u lse v oltage, single and contin u o u s p u lses; applica b le if p p max. ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration i (s) 400 600 8 00 1000 1200 1400 1600 1 8 00 pulse volta g e max. (v) 2512 2010 1206/1210/121 8 0 8 05 0603 0402 t ?
www.vishay.com for technical questions, contact: thickfilmchip@vishay.com document number: 20008 122 revision: 18-nov-10 d/crcw vishay lead (pb)-bearing thick film, re ctangular chip resistors - 55 - 25 0 25 50 75 100 125 155 175 120 100 8 0 60 40 20 0 70 deratin g ambient temperature in c fraction of rated dissipation in % 10 120 resistance value r in attenuation of 3rd harmonic a 3 in db non-linearity 100 8 0 40 60 20 0 100 1k 10k 100k 1m 10m 1206, 2010 0 8 05 0603 0402 100 1k 10k 100k 1m 10m 100 10 1 0.1 0.01 current noise a 1 in v/v current noise 2010 1206 0 8 05 0603 0402 resistance value r in
document number: 20008 for technical questions, contact: thickfilmchip@vishay.com www.vishay.com revision: 18-nov-10 123 d/crcw lead (pb)-bearing thick film, re ctangular chip resistors vishay test procedures and requirements en 60115-1 clause iec 60082-2 test method test procedure requirements permissible change ( r ) stability class 1 or better stability class 2 or better stability for product types: 1 to 10 m 1 to 10 m d/crcw 4.5 - resistance - 1 % 5 % 4.7 - voltage proof u = 1.4 u ins; 60 s no flashover or breakdown 4.13 - short time overload u = 2.5 x 2 x u max. ; duration: acc. to style (0.25 % r + 0.05 ) (0.5 % r + 0.05 ) 4.17.2 58 (td) solderability solder bath method; sn60pb40; non-activated flux; (235 5) c, (2 0.2) s good tinning ( 95 % covered); no visible damage 4.8.4.2 - temperature coefficient (20/- 55/20) c and (20/125/20) c 100 ppm/k 200 ppm/k 4.32 21 (uu 3) shear (adhesion) rr 1608 and smaller: 9 n rr 2012 and larger: 45 n no visible damage 4.33 21 (uu 1) substrate bending depth 2 mm; 3 times no visible damage, no open circuit in bent position (0.25 % r + 0.05 ) 4.19 14 (na) rapid change of temperature 30 min. at - 55 c; 30 min. at 125c 5 cycles 1000 cycles (0.25 % r + 0.05 ) (1 % r + 0.05 ) (0.5 % r + 0.05 ) (1 % r + 0.05 ) 4.23 - climatic sequence: - (1 % r + 0.05 ) (2 % r + 0.1 ) 4.23.2 2 (ba) dry heat 125 c; 16 h 4.23.3 30 (db) damp heat, cyclic 55 c; 90 % rh; 24 h; 1 cycle 4.23.4 1 (aa) cold - 55 c; 2 h 4.23.5 13 (m) low air pressure 1 kpa; (25 10) c; 1 h 4.23.6 30 (db) damp heat, cyclic 55 c; 90 % rh; 24 h; 5 cycles 4.23.7 - dc load u = 4.25.1 - endurance at 70 c u = ( p 70 x r ) u max. 1.5 h on; 0.5 h off; 70 c; 1000 h 70 c; 8000 h (1 % r + 0.05 ) (2 % r + 0.1 ) (2 % r + 0.1 ) (4 % r + 0.1 ) 4.18.2 58 (td) resistance to soldering heat solder bath method (260 5) c; (10 1) s (0.25 % r + 0.05 ) (0.5 % r + 0.05 ) 4.35 - flamability, needle flame test iec 60695-11-5; 10 s no burning after 30 s 4.24 78 (cab) damp heat, steady state (40 2) c; (93 3) % rh; 56 days (1 % r + 0.05 ) 4.25.3 - endurance at upper category temperature 155 c; 1000 h (1 % r + 0.05 ) (2 % r + 0.1 ) 4.40 - electrostatic discharge (human body model) iec 61340-3-1; 3 pos. + 3 neg. discharges; esd test voltage acc. to size (1 % r + 0.05 ) 4.29 45 (xa) component solvent resistance isopropyl alcohol; 50 c; method 2 no visible damage 4.30 45 (xa) solvent resistance of marking isopropyl alcohol; 50 c; method 1, toothbrush marking legible, no visible damage p 70 x r p 70 x r
www.vishay.com for technical questions, contact: thickfilmchip@vishay.com document number: 20008 124 revision: 18-nov-10 d/crcw vishay lead (pb)-bearing thick film, rectangular chip resistors all tests are carried out in accordanc e with the following specifications: ? en 60115-1, generic specification ? en 140400, sectional specification ? en 140401-802, detail specification ? iec 60068-2, environmental test procedures packaging of components is done in paper or blister tapes according to iec 60286-3. 4.22 6 (fc) vibration, endurance by sweeping f = 10 hz to 2000 hz; x, y, z 1.5 mm; a 200 m/s 2; 10 sweeps per axis (0.25 % r + 0.05 ) (0.5 % r + 0.05 ) 4.37 - periodic electric overload u = 2 x u max. ; 0.1 s on; 2.5 s off; 1000 cycles (1 % r + 0.05 ) 4.27 - single pulse high voltage overload, 10 s/700 s ? = 10 x 2 x u max. ; 10 pulses (1 % r + 0,05 ) test procedures and requirements en 60115-1 clause iec 60082-2 test method test procedure requirements permissible change ( r ) stability class 1 or better stability class 2 or better stability for product types: 1 to 10 m 1 to 10 m d/crcw 15 x p 70 x r p 70 x r
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of CRCW0603100RFKTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X